Part Number Hot Search : 
BA8210N RF2054 FT5763M 6KE120A 1SZ1130A BXMF1001 1206C SMA11
Product Description
Full Text Search
 

To Download LM224D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Low power quad op amps
LM124/224/324/324A/ SA534/LM2902
DESCRIPTION
The LM124/SA534/LM2902 series consists of four independent, high-gain, internally frequency-compensated operational amplifiers designed specifically to operate from a single power supply over a wide range of voltages.
PIN CONFIGURATION
D, F, N Packages
OUTPUT 1 -INPUT 1 1 2 3 4 5 6 7 -+ 2 +- 3 1 -+ 4 +- 14 13 12 11 10 9 8 OUTPUT 4 -INPUT 4 +INPUT 4 GND +INPUT 3 -INPUT 3 OUTPUT 3
UNIQUE FEATURES
In the linear mode, the input common-mode voltage range includes ground and the output voltage can also swing to ground, even though operated from only a single power supply voltage. The unity gain crossover frequency and the input bias current are temperature-compensated.
+INPUT 1 V+ +INPUT 2 -INPUT 2 OUTPUT 2
FEATURES
* Internally frequency-compensated for unity gain * Large DC voltage gain: 100dB * Wide bandwidth (unity gain): 1MHz (temperature-compensated) * Wide power supply range Single supply: 3VDC to 30VDC or dual * Very low supply current drain: essentially independent of supply * Low input biasing current: 45nADC (temperature-compensated) * Low input offset voltage: 2mVDC and offset current: 5nADC * Differential input voltage range equal to the power supply voltage * Large output voltage: 0VDC to VCC-1.5VDC swing
ORDERING INFORMATION
DESCRIPTION 14-Pin Plastic Dual In-Line Package (DIP) 14-Pin Ceramic Dual In-Line Package (CERDIP) 14-Pin Plastic Dual In-Line Package (DIP) 14-Pin Ceramic Dual In-Line Package (CERDIP) 14-Pin Plastic Small Outline (SO) Package 14-Pin Plastic Dual In-Line Package (DIP) 14-Pin Ceramic Dual In-Line Package (CERDIP) 14-Pin Plastic Small Outline (SO) Package 14-Pin Plastic Dual In-Line Package (DIP) 14-Pin Plastic Small Outline (SO) Package 14-Pin Plastic Dual In-Line Package (DIP) 14-Pin Ceramic Dual In-Line Package (CERDIP) 14-Pin Plastic Small Outline (SO) Package 14-Pin Plastic Small Outline (SO) Package 14-Pin Plastic Dual In-Line Package (DIP) voltage (1mW/op amp at +5VDC) supplies: 1.5VDC to 15VDC
TOP VIEW
SL00065
Figure 1. Pin Configuration
TEMPERATURE RANGE -55C to +125C -55C to +125C -25C to +85C -25C to +85C -25C to +85C 0C to +70C 0C to +70C 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +125C -40C to +125C
ORDER CODE LM124N LM124F LM224N LM224F LM224D LM324N LM324F LM324D LM324AN LM324AD SA534N SA534F SA534D LM2902D LM2902N
DWG # SOT27-1 0581B SOT27-1 0581B SOT108-1 SOT27-1 0581B SOT108-1 SOT27-1 SOT108-1 SOT27-1 0581B SOT108-1 SOT108-1 SOT27-1
1995 Nov 27
1
853-0929 16050
Philips Semiconductors
Product specification
Low power quad op amps
LM124/224/324/324A/ SA534/LM2902
ABSOLUTE MAXIMUM RATINGS
SYMBOL VCC VIN VIN PD Supply voltage Differential input voltage Input voltage Maximum power dissipation, TA=25C (still-air)1 N package F package D package Output short-circuit to GND one amplifier2 VCC<15VDC and TA=25C IIN TA Input current (VIN<-0.3V)3 Operating ambient temperature range LM324/A LM224 SA534 LM2902 LM124 TSTG TSOLD Storage temperature range Lead soldering temperature (10sec max) 0 to +70 -25 to +85 -40 to +85 -40 to +125 -55 to +125 -65 to +150 300 C C C C C C C 1420 1190 1040 Continuous 50 mA mW mW mW PARAMETER RATING 32 or 16 32 -0.3 to +32 UNIT VDC VDC VDC
NOTES: 1. Derate above 25C at the following rates: F package at 9.5mW/C N package at 11.4mW/C D package at 8.3mW/C 2. Short-circuits from the output to VCC+ can cause excessive heating and eventual destruction. The maximum output current is approximately 40mA, independent of the magnitude of VCC. At values of supply voltage in excess of +15VDC continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. 3. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP transistors becoming forward biased and thereby acting as input bias clamps. In addition, there is also lateral NPN parasitic transistor action on the IC chip. This action can cause the output voltages of the op amps to go to the V+ rail (or to ground for a large overdrive) during the time that the input is driven negative.
1995 Nov 27
2
Philips Semiconductors
Product specification
Low power quad op amps
LM124/224/324/324A/ SA534/LM2902
DC ELECTRICAL CHARACTERISTICS
VCC=5V, TA=25C unless otherwise specified. SYMBOL VOS VOS/T IBIAS IBIAS/T IOS IOS/T VCM CMRR VOUT VOH VOL PARAMETER Offset voltage1 Temperature drift Input current2 Temperature drift Offset current Temperature drift Common-mode voltage range3 Common-mode rejection ratio Output voltage swing Output voltage high Output voltage low TEST CONDITIONS RS=0 RS=0, over temp. RS=0, over temp. IIN(+) or IIN(-) IIN(+) or IIN(-), over temp. Over temp. IIN(+)-IIN(-) IIN(+)-IIN(-), over temp. Over temp. VCC30V VCC30V, over temp. VCC=30V RL=2k, VCC=30V, over temp. RL10k, VCC=30V, over temp. RL10k, over temp. RL=, VCC=30V, over temp. RL=, over temp. VCC=15V (for large VO swing), RL2k AVOL Large-signal voltage gain VCC=15V (for large VO swing), RL2k, over temp. f=1kHz to 20kHz, input referred RS0 VIN+=+1V, VIN-=0V, VCC=15V VIN+=+1V, VIN-=0V, VCC=15V, over temp. IOUT Output current sink VIN-=+1V, VIN+=0V, VCC=15V VIN-=+1V, VIN+=0V, VCC=15V, over temp. VIN-=+1V, VIN+=0V, VO=200mV ISC GBW SR VNOISE VDIFF Short-circuit current4 Unity gain bandwidth Slew rate Input noise voltage Differential input voltage3 f=1kHz 65 20 10 10 5 12 10 50 0 0 70 26 27 28 5 1.5 0.7 100 20 3 1.2 25 85 10 VCC-1.5 VCC-2 0 0 65 26 27 28 5 1.5 0.7 100 V/mV 25 15 20 3 mA 1.2 70 7 45 40 50 3 30 100 10 VCC-1.5 VCC-2 150 300 LM124/LM224 Min Typ 2 Max 5 7 7 45 40 50 5 50 150 250 500 LM324/SA534/LM2902 Min Typ 2 Max 7 9 UNIT mV V/C nA pA/C nA pA/C V dB V V mV
ICC
Supply current
Amplifier-to-amplifier coupling5 PSRR Power supply rejection ratio Output current source
-120 100 40 20 20 8 50 40 1 0.3 40 VCC 60 65 20 10 10 5 12 10
-120 100 40 20
dB dB
mA 20 8 50 40 1 0.3 40 VCC 60 A mA MHz V/s nV/Hz V
1995 Nov 27
3
Philips Semiconductors
Product specification
Low power quad op amps
LM124/224/324/324A/ SA534/LM2902
DC ELECTRICAL CHARACTERISTICS (Continued)
VCC=5V, TA=25C unless otherwise specified. SYMBOL VOS VOS/T IBIAS IBIAS/T IOS IOS/T VCM CMRR VOUT VOH VOL ICC AVOL PARAMETER Offset voltage1 Temperature drift Input current2 Temperature drift Offset current Temperature drift Common-mode voltage range3 Common-mode rejection ratio Output voltage swing Output voltage high Output voltage low Supply current Large-signal voltage gain TEST CONDITIONS RS=0 RS=0, over temp. RS=0, over temp. IIN(+) or IIN(-) IIN(+) or IIN(-), over temp. Over temp. IIN(+)-IIN(-) IIN(+)-IIN(-), over temp. Over temp. VCC30V VCC30V, over temp. VCC=30V RL=2k, VCC=30V, over temp. RL10k, VCC=30V, over temp. RL10k, over temp. RL=, VCC=30V, over temp. RL=, over temp. VCC=15V (for large VO swing), RL2k VCC=15V (for large VO swing), RL2k, over temp. Amplifier-to-amplifier coupling5 PSRR Power supply rejection ratio Output current source IOUT Output current sink ISC VDIFF GBW SR VNOISE Short-circuit current4 Differential input voltage3 Unity gain bandwidth Slew rate Input noise voltage f=1kHz 1 0.3 40 f=1kHz to 20kHz, input referred RS0 VIN+=+1V, VIN-=0V, VCC=15V VIN+=+1V, VIN-=0V, VCC=15V, over temp. VIN-=+1V, VIN+=0V, VCC=15V VIN-=+1V, VIN+=0V, VCC=15V, over temp. VIN-=+1V, VIN+=0V, VO=200mV 65 20 10 10 5 12 10 25 15 -120 100 40 20 20 8 50 40 60 VCC 0 0 65 26 27 28 5 1.5 0.7 100 20 3 1.2 85 10 7 45 40 50 5 30 75 300 VCC-1.5 VCC-2 LM324A Min Typ 2 Max 3 5 30 100 200 UNIT mV V/C nA pA/C nA pA/C V V dB V V mV mA mA V/mV V/mV dB dB mA mA mA mA A mA V MHz V/s nV/Hz
NOTES: 1. VO 1.4VDC, RS=0 with VCC from 5V to 30V and over full input common-mode range (0VDC+ to VCC -1.5V). 2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. 3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is VCC -1.5, but either or both inputs can go to +32V without damage. 4. Short-circuits from the output to VCC can cause excessive heating and eventual destruction. The maximum output current is approximately 40mA independent of the magnitude of VCC. At values of supply voltage in excess of +15VDC, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers. 5. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of coupling increases at higher frequencies.
1995 Nov 27
4
Philips Semiconductors
Product specification
Low power quad op amps
LM124/224/324/324A/ SA534/LM2902
EQUIVALENT CIRCUIT
v+
6 A
100A
6A Q5 Q6 CC Q7
Q2 Q1
Q3 Q4
RSC
OUTPUT
INPUTS + Q10 Q8 Q9
Q11
Q13
Q12
50A
SL00066
Figure 2. Equivalent Circuit
1995 Nov 27
5
Philips Semiconductors
Product specification
Low power quad op amps
LM124/224/324/324A/ SA534/LM2902
TYPICAL PERFORMANCE CHARACTERISTICS
Output Characteristics Current Sourcing
8 V+ SUPPLY CURRENT DRAIN (mAdc) V - OUTPUT VOLTAGE REFERENCE TO V+ (V DC ) 7 6 5 4 3 2 0 0 10 20 TA = -55oC 30 40 1 0.001 0.01 0.1 1 10 100 INDEPENDENT OF V+ TA = +25oC +V+ /2 + - IO OUTPUT CURRENT (mAdc) V2 80 70 60 50 40 30 20 10 0 55 35 -15 5 25 45 65 85 105 125 TEMPERATURE (oC)
OP05470S
Supply Current
4
Current Limiting
90
3
2
1
TA = 0oC to +125oC
SUPPLY VOLTAGE (VDC)
OP05450S
IO+ - OUTPUT SOURCE CURRENT (mA DC)
OP05460S
Voltage Gain
160 V O- OUTPUT VOLTAGE (VDC ) RL + 20 K 120 RL + 2 K 80 10
Output Characteristics Current Sinking
140 V+ = +5 VDC V+ = +15 VDC V+ = +30 VDC VOLTAGE GAIN (dB) 120
Open-Loop Frequency Response
V+ 0.1f VIN 100 80 60 40 V+ = 10 to 15 VDC AND 20 -55oC < TA < +125oC 100 0 1 10 100 1K 10K 100K 1M 10M
OP05500S
10M
A VOL -- VOLTAGE GAIN (dB)
- + V+/2 VO
1 V+ 0.1 V+ /2 - + VO IO
V+ = 30 VDC AND -55oC < TA < +125oC
40
0
0
10
20
30
40
0.01 0.001
TA = +25oC 0.01 0.1 1 10
SUPPLY VOLTAGE (VDC)
OP05480S
IO - OUTPUT SINK CURRENT (mA DC)
OP05490S
FREQUENCY (Hz)
SL00067
Figure 3. Typical Performance Characteristics
1995 Nov 27
6
Philips Semiconductors
Product specification
Low power quad op amps
LM124/224/324/324A/ SA534/LM2902
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
OUTPUT VOLTAGE (V)
Large-Scale Frequency Response
20 VDC 100K VO -- OUTPUT SWING (Vp-p) 15 VIN 10 1K - + VO
Voltage-Follower Pulse Response
4 3 2 1 0 +V IN -- INPUT VOLTAGE ( + V DC ) RL < 2K V+ = 15 VDC 15
Input Voltage Range
10 NEGATIVE POSITIVE 5
+7V
2K
DC
INPOUT VOLTAGE (V)
3 2 1 0 0 10 20 TIME (S) 30 40
5
0
1K
10K
100K
1M
0
5
10
15
FREQUENCY (Hz)
-- POWER SUPPLY VOLTAGE (+ VDC) V+ OR V-
Input Current
90 IB - INPUT CURRENT (nA DC ) 80 70 60 50 40 30 20 10 0 -55 -35 -15 5 25 45 65 85 105 125 V+ = +5 VDC V+ = +15 VDC VCM = 0 VDC V+ = +30 VDC
CMRR -- COMMON-MODE REJECTION RATIO (dB)
Common-Mode Rejection Ratio
120 EO - OUTPUT VOLTAGE (mV) 100 500
Voltage-Follower Pulse Response (Small-Signal)
450 VIN 400
EO 50pF
80 60 40 20 0 100 +7.5 VDC 100k 100 + VIN 100 100k - + 7.5 VDC 100k VO
350 OUTPUT 300 250 0
INPUT
TA = +25oC V+ = +30 VDC 1 2 3 4 5 6 7 8
1k
10k
1M
TA -- TEMPERATURE (Co)
f -- FREQUENCY (Hz)
L -- TIME (S)
SL00068
Figure 4. Typical Performance Characteristics (cont.)
TYPICAL APPLICATIONS
RF V+ RIN VIN 8 V+ 2 VO 4 RL V+ 2 BLOCKS DC. GAIN VIN V+ V+
- +
10K
V+
10K
8
V+ 8
+ -4 10k
VO
VIN
+ + -4 10k
VO
R1
RF
Single Supply Inverting Amplifier
Non-Inverting Amplifier Figure 5. Typical Applications
Input Biasing Voltage-Follower
SL00069
1995 Nov 27
7


▲Up To Search▲   

 
Price & Availability of LM224D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X